sensitron sem iconductor technical data data sheet 3623, rev . - ? 221 west industry court deer park, ny 11729-4681 (631) 586-7600 fax (631) 242-9798 ? ? world wide web site - http://www.sensitron.com ? e-mail address - sales@sensitron.com ? LST1206-KFCT surface mount device led features: ? top v i ew , w i de v i ew angle, single color chip led. ? compatible w i th automatic pick & place equipment. ? compatible w i th infrared and wav e soldering reflow solder processes. ? eia std package. ordering information: ? package in 8mm tape on 7" diameter reels. ? tape quantity : 3000 pcs per reel w i th part number suffix "-t1" mechanical dimensions: in mm notes : 1. all dimensions are in millimeters. 2. tolerance is 0.1 mm (.004") unless otherwise specified.
sensitron semiconductor technical data data sheet 3623, rev. - ? 221 west industry court deer park, ny 11729-4681 (631) 586-7600 fax (631) 242-9798 ? ? world wide web site - http://www.sensitron.com ? e-mail address - sales@sensitron.com ? LST1206-KFCT absolute maximum ratings (t a = 25 c) parameter symbol parameters unit power dissipation p ad 75 mw peak forward current (1/10 duty cycle, f = 1khz) i pf 80 ma continuous forward current i af 30 ma reverse voltage v r 5 v derating linearly from 25 c - 0.25 ma/ c electrostatic discharge threshold(hbm) note a esd 2000 v operating temperature range t opr -40 ~ +85 c storage temperature range t stg -40 ~ +85 c wave soldering condition (two times max) - 260 (for 5 seconds) c infrared soldering condition (two times max) - 240 (for 5 seconds) c note a: hbm: human body model. seller gives no other assurances regarding the ability of to withstand esd. electro-optical characteristic (t a = 25 c) parameter symbol parameters unit chip material - alingap - light color - super amber - lens color - water clear - luminous intensity @i f = 20 ma i v 80.0 (typ.) 40.0 (min) mcd viewing angle typical @i f = 20 ma 2 1/2 130 degree peak emission wavelength p 611 nm dominant wavelength @i f = 20 ma d 605 nm spectral line half-width @i f = 20 ma 17 nm forward voltage @i f = 20 ma v f 2.4 (max) 2.0 (typ.) v max. reverse current @ 5v i r 100 a
? 221 west industry court deer park, ny 11729-4681 (631) 586-7600 fax (631) 242-9798 ? ? world wide web - http://www.sensitron.com ? e-mail address - sales@sensitron.com ? sensitron semiconductor technical data disclaimer: 1- the information given herein, including the specifications and dimens ions, is subject to change wi thout prior notice to impr ove product characteristics. before ordering, purchas ers are advised to contact the sensitron semiconductor sales department for the latest version of the datasheet(s). 2- in cases where extremely high reliabilit y is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical equipment, and safety equipment), safety should be ensured by using semiconductor devices t hat feature assured safety o r by means of users? fail-safe prec autions or other arrangement. 3- in no event shall sensitron semiconducto r be liable for any damages that may result from an accident or any other cause duri ng operation of the user?s units according to the datasheet(s). sensitron semiconducto r assumes no responsibility for any intellec tual property claims or any other problems that may result from applications of informatio n, products or circuits described in the d atasheets. 4- in no event shall sensitron semiconduc tor be liable for any failure in a semic onductor device or any secondary damage result ing from use at a value exceeding the absolute maximum rating. 5- no license is granted by the datasheet(s) under any patents or other rights of any third party or sensitron semiconductor. 6- the datasheet(s) may not be reproduced or duplicated, in any form , in whole or part, without the expressed written permissio n of sensitron semiconductor. 7- the products (technologies) de scribed in the datasheet(s) are not to be provi ded to any party whose purpose in their applica tion will hinder maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or a ny third party. when exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws a nd regulations.
|